Part Number Hot Search : 
AP1501 TA3S15E NTE7067 NTE7067 254851 ER107 TC322 TES75
Product Description
Full Text Search
 

To Download MLB160808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M U LT I LA Y E R T Y P E
HIGH CURRENT FERRITE CHIP BEAD
MULTILAYER * * * * * * Impedance Range: 30 to 1300 . Operating Temperature Range: -55C to +125C. Soldering Method: Reflow or Wave Soldering, suitable for lead free soldering. Packaging Method: Tape & Reel (per EIA Specifications). Storage Temperature: max. 40C, RH 70%. ROHS compliant.
Features
* Combination of high frequency noise suppression with capability of handling high current. * Current ratings up to 6 Amps with low DCR.
Application Field
* High current DC power lines, Circuits where a Stable ground in unavailable.
Part Number Code
MLB
Series Name
160808 Size Code
0060
Impedance (ex.0010 =10 25%)
P
N
Classification Rated Current (A, B, and P) L= 1000mA Q= 3000mA M= 1500mA R= 4000mA N= 2000mA U= 5000mA P= 2500mA W= 6000mA
Shape and Dimensions
Size code 0603 0805 1206 1210 1806 1812 Size 160808 201209 311611 322513 451616 453215 Length(L) 1.60.15 2.00.2 3.20.2 3.20.2 4.50.25 4.50.25 unit mm Width (W) 0.80.15 1.250.2 1.60.2 2.50.2 1.60.2 3.20.25 Thickness (T) 0.80.15 0.90.2 1.10.2 1.30.2 1.60.2 1.50.25 Electrode Width (E) 0.30.2 0.50.3 0.50.3 0.50.3 0.60.4 0.60.4
14
M U LT I LA Y E R T Y P E
HIGH CURRENT FERRITE CHIP BEAD
Specifications
P/N with standard rated current Impedance Test () Freq. +/- 25% (MHz) 30 60 80 120 220 300 450 600 11 31 40 60 80 90 120 220 250 300 330 600 50 60 75 80 90 120 150 500 600 1200 60 1000 60 80 470 850 80 120 150 600 680 1300 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 60 DCR max.() Standard Rated Current (mA) 3000 3000 3000 2500 2000 2000 1500 1000 6000 6000 4000 3000 5000 5000 5000 3000 3000 2000 2000 2000 6000 3000 3000 4000 3000 6000 2000 2500 2500 1000 1500 2000 6000 6000 2000 1500 6000 6000 6000 3000 3000 3000 L 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 Rated Current Selection Chart (mA) MULTILAYER W -
MLB-160808-0030PQ MLB-160808-0060PQ MLB-160808-0080PQ MLB-160808-0120PP MLB-160808-0220PN MLB-160808-0300PN MLB-160808-0450PM MLB-160808-0600PL MLB-201209-0011PW MLB-201209-0031PW MLB-201209-0040PR MLB-201209-0060PQ MLB-201209-0080PU MLB-201209-0090PU MLB-201209-0120PU MLB-201209-0220PQ MLB-201209-0250PQ MLB-201209-0300PN MLB-201209-0330PN MLB-201209-0600PN MLB-321611-0050PW MLB-321611-0060PQ MLB-321611-0075PQ MLB-321611-0080PR MLB-321611-0090PQ MLB-321611-0120PW MLB-321611-0150PN MLB-321611-0500PP MLB-321611-0600PP MLB-321611-1200PL MLB-322513-0060PM MLB-322513-1000PN MLB-451616-0060PW MLB-451616-0080PW MLB-451616-0470PN MLB-451616-0850PM MLB-453215-0080PW MLB-453215-0120PW MLB-453215-0150PW MLB-453215-0600PQ MLB-453215-0680PQ MLB-453215-1300PQ
0.040 0.040 0.040 0.070 0.090 0.090 0.150 0.200 0.015 0.015 0.030 0.040 0.020 0.020 0.020 0.040 0.040 0.090 0.090 0.090 0.015 0.040 0.040 0.030 0.040 0.015 0.090 0.070 0.070 0.200 0.15 0.09 0.015 0.015 0.09 0.15 0.015 0.020 0.015 0.040 0.040 0.040
M 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 -
N 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 -
P Q 2500 3000 2500 3000 2500 3000 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 2500 3000 3000 3000 3000 3000 3000 3000 3000 3000 -
R 4000 4000 4000 4000 4000 4000 -
U -
5000 6000 5000 6000 5000 5000 5000 -
3000 4000 5000 6000 3000 3000 3000 4000 3000 3000 4000 5000 6000 -
1000 1500 1000 1500 2000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000
1500 2000 2500 3000 4000 5000 6000 1500 2000 2500 3000 4000 5000 6000 1500 2000 1500 1500 1500 1500 1500 1500 1500 2000 2000 2000 2000 2000 2000 2500 2500 2500 2500 2500 2500 3000 4000 5000 6000 3000 4000 5000 6000 3000 4000 5000 6000 3000 3000 3000 -
3000 Standard rated current 2500 available option
15
M U LT I LA Y E R T Y P E
HIGH CURRENT FERRITE CHIP BEAD
MULTILAYER MLB-160808-0030PQ
WOUND INDUCTOR
MLB-160808-0060PQ
POWER INDUCTOR (NON SHIELDED)
MLB-160808-0080PQ
MLB-160808-0120PP POWER INDUCTOR (SHIELDED)
MLB-160808-0220PN
COMMON MODE CHOKES / TRANSFORMER
16
M U LT I LA Y E R T Y P E
HIGH CURRENT FERRITE CHIP BEAD
MLB-160808-0300PN MULTILAYER
MLB-160808-0450PM
MLB-160808-0600PL
MLB-201209-0011PW
MLB-201209-0031PW
17
M U LT I LA Y E R T Y P E
HIGH CURRENT FERRITE CHIP BEAD
MULTILAYER MLB-201209-0040PR
MLB-201209-0060PQ
MLB-201209-0080PU
MLB-201209-0090PU
MLB-201209-0120PU
18
M U LT I LA Y E R T Y P E
HIGH CURRENT FERRITE CHIP BEAD
MLB-201209-0220PQ MULTILAYER
MLB-201209-0250PQ
MLB-201209-0300PN
MLB-201209-0330PN
MLB-201209-0600PN
19
M U LT I LA Y E R T Y P E
HIGH CURRENT FERRITE CHIP BEAD
MULTILAYER MLB-321611-0050PW
MLB-321611-0060PQ
MLB-321611-0075PQ
MLB-321611-0080PR
MLB-321611-0090PQ
20
M U LT I LA Y E R T Y P E
HIGH CURRENT FERRITE CHIP BEAD
MLB-321611-0120PW MULTILAYER
MLB-321611-0150PN
MLB-321611-0500PP
MLB-321611-0600PP
21
M U LT I LA Y E R T Y P E
HIGH CURRENT FERRITE CHIP BEAD
MULTILAYER MLB-321611-1200PL
MLB-322513-0060PM
MLB-322513-1000PN
MLB-451616-0060PW
MLB-451616-0080PW
22
M U LT I LA Y E R T Y P E
HIGH CURRENT FERRITE CHIP BEAD
MLB-451616-0470PN MULTILAYER
MLB-451616-0850PM
MLB-453215-0080PW
MLB-453215-0120PW
MLB-453215-0150PW
23
M U LT I LA Y E R T Y P E
HIGH CURRENT FERRITE CHIP BEAD
MULTILAYER MLB-453215-0600PQ
MLB-453215-0680PQ
MLB-453215-1300PQ
24


▲Up To Search▲   

 
Price & Availability of MLB160808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X